Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G53 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
5 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8 package: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
10. Recommended operating conditions
[1]
To avoid drawing VCC current out of terminal A when switch current flows in terminal Bn, the voltage drop
across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal A, no VCC
current will flow out of terminal Bn. In this case, there is no limit for the voltage drop across the switch.
[2]
Applies to control signal levels.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
IIK
input clamping
current
VI < −0.5 V or VI >VCC + 0.5
-
−50
mA
ISK
switch clamping
current
VI < −0.5 V or VI >VCC + 0.5
-
±50
mA
VSW
switch voltage
enable and disable mode
−0.5
VCC + 0.5 V
ISW
switch current
VSW = −0.5 V to (VCC + 0.5 V)
-
±50
mA
ICC
quiescent supply
current
-
100
mA
IGND
ground current
-
−100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power
dissipation
Tamb = −40 °C to +125 °C
[2] -
300
mW
Table 7.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VSW
switch voltage
enable and disable
mode
[1] 0-
VCC
V
Tamb
ambient temperature
−40
-
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 1.65 V to 2.7 V
[2] 0
-
20
ns/V
VCC = 2.7 V to 5.5 V
[2] 0
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com