Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC2G53 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
13 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
Tamb = −40 °C to +125 °C
tPHL
HIGH-to-LOW
propagation delay
see Figure 10
A to Bn or Bn to A
VCC = 1.65 V to 1.95 V
-
-
2.5
ns
VCC = 2.3 V to 2.7 V
-
-
1.5
ns
VCC = 2.7 V
-
-
1.25
ns
VCC = 3 V to 3.6 V
-
-
1.0
ns
VCC = 4.5 V to 5.5 V
-
-
0.8
ns
tPLH
LOW-to-HIGH
propagation delay
see Figure 10
A to Bn or Bn to A
VCC = 1.65 V to 1.95 V
-
-
2.5
ns
VCC = 2.3 V to 2.7 V
-
-
1.5
ns
VCC = 2.7 V
-
-
1.25
ns
VCC = 3 V to 3.6 V
-
-
1.0
ns
VCC = 4.5 V to 5.5 V
-
-
0.8
ns
ton
turn-on time
see Figure 11
S to A or Bn
VCC = 1.65 V to 1.95 V
2.6
-
12.9
ns
VCC = 2.3 V to 2.7 V
1.9
-
8.0
ns
VCC = 2.7 V
1.8
-
7.0
ns
VCC = 3 V to 3.6 V
1.8
-
6.3
ns
VCC = 4.5 V to 5.5 V
1.3
4.8
ns
E to A or Bn
VCC = 1.65 V to 1.95 V
1.9
-
9.2
ns
VCC = 2.3 V to 2.7 V
1.4
-
5.5
ns
VCC = 2.7 V
1.1
-
4.9
ns
VCC = 3 V to 3.6 V
1.2
-
4.8
ns
VCC = 4.5 V to 5.5 V
1.0
-
3.3
ns
toff
turn-off time
see Figure 11
S to A or Bn
VCC = 1.65 V to 1.95 V
2.1
-
12.5
ns
VCC = 2.3 V to 2.7 V
1.4
-
7.7
ns
VCC = 2.7 V
1.4
-
7.8
ns
VCC = 3 V to 3.6 V
1.1
-
6.8
ns
VCC = 4.5 V to 5.5 V
1.0
4.8
ns
E to A or Bn
VCC = 1.65 V to 1.95 V
2.3
-
11.0
ns
VCC = 2.3 V to 2.7 V
1.2
-
6.0
ns
VCC = 2.7 V
1.4
-
6.5
ns
VCC = 3 V to 3.6 V
2.0
-
6.3
ns
VCC = 4.5 V to 5.5 V
1.3
-
4.8
ns
Table 10.
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V);
test circuit Figure 12.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com