Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G53 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
8 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
Table 9.
Resistance Ron
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
RON(rail)
ON resistance (rail)
VSW = GND
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
8.7
18
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.2
16
Ω
ISW = 12 mA; VCC = 2.7 V
-
7.0
14
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.9
10
Ω
VSW =VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
12
30
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
8.3
20
Ω
ISW = 12 mA; VCC = 2.7 V
-
7.8
18
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.7
15
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.2
10
Ω
RON(peak)
ON resistance (peak)
VSW = GND to VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
57
130
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
15
30
Ω
ISW = 12 mA; VCC = 2.7 V
-
13
25
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
9.0
20
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
6.0
15
Ω
RON(flat)
ON resistance (flatness)
VSW = GND to VCC; see Figure 9
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
100
-
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
17
-
Ω
ISW = 12 mA; VCC = 2.7 V
-
10
-
Ω
ISW = 24 mA; VCC =3Vto3.6 V
-
5
-
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
3
-
Ω
Tamb = −40 °C to +125 °C
RON(rail)
ON resistance (rail)
VSW = GND
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
-
27
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
-
24
Ω
ISW = 12 mA; VCC = 2.7 V
-
-
21
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
-
18
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
-
15
Ω
VSW =VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
-
45
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
-
30
Ω
ISW = 12 mA; VCC = 2.7 V
-
-
27
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
-
23
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
-
15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com