Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR034 Datasheet(PDF) 1 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 1 Page - Texas Instruments

  GR034 Datasheet HTML 1Page - Texas Instruments GR034 Datasheet HTML 2Page - Texas Instruments GR034 Datasheet HTML 3Page - Texas Instruments GR034 Datasheet HTML 4Page - Texas Instruments GR034 Datasheet HTML 5Page - Texas Instruments GR034 Datasheet HTML 6Page - Texas Instruments GR034 Datasheet HTML 7Page - Texas Instruments GR034 Datasheet HTML 8Page - Texas Instruments GR034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D TI-OPC Circuitry Limits Ringing on
Unevenly Loaded Backplanes
D OEC Circuitry Improves Signal Integrity
and Reduces Electromagnetic Interference
D Bidirectional Interface Between GTLP
Signal Levels and LVTTL Logic Levels
D Split LVTTL Port Provides a Feedback Path
for Control and Diagnostics Monitoring
D LVTTL Interfaces Are 5-V Tolerant
D High-Drive GTLP Open-Drain Outputs
(100 mA)
D LVTTL Outputs (–24 mA/24 mA)
D Variable Edge-Rate Control (ERC) Input
Selects GTLP Rise and Fall Times for
Optimal Data-Transfer Rate and Signal
Integrity in Distributed Loads
D Ioff, Power-Up 3-State, and BIAS VCC
Support Live Insertion
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description
The SN74GTLP2034 is a high-drive, 8-bit, three-wire registered transceiver that provides true LVTTL-to-GTLP
and GTLP-to-LVTTL signal-level translation. The device allows for transparent, latched, and flip-flop modes of
data transfer with separate LVTTL input and LVTTL output pins, which provides a feedback path for control and
diagnostics monitoring, the same functionality as the SN74FB2033, but with true logic. The device provides a
high-speed interface between cards operating at LVTTL logic levels and a backplane operating at GTLP signal
levels. High-speed (about three times faster than standard LVTTL or TTL) backplane operation is a direct result
of GTLP’s reduced output swing (
<1 V), reduced input threshold levels, improved differential input, OEC
circuitry, and TI-OPC
 circuitry. Improved GTLP OEC and TI-OPC circuits minimize bus-settling time and have
been designed and tested using several backplane models. The high drive allows incident-wave switching in
heavily loaded backplanes with equivalent load impedance down to 11
Ω.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OEC, TI-OPC, and Widebus are trademarks of Texas Instruments.
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
IMODE1
AI1
AO1
GND
AI2
AO2
VCC
AI3
AO3
GND
AI4
AO4
AO5
AI5
GND
AO6
AI6
VCC
AO7
AI7
GND
AO8
AI8
OMODE0
IMODE0
BIAS VCC
B1
GND
OEAB
B2
ERC
OEAB
B3
GND
CLKAB/LEAB
B4
B5
CLKBA/LEBA
GND
B6
OEBA
VCC
B7
LOOPBACK
GND
B8
VREF
OMODE1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - GR034

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
GR0300100 ALPHAWIRE-GR0300100 Datasheet
149Kb / 2P
M8 Female
logo
Murata Manufacturing Co...
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
42Kb / 4P
Chip Monolithic Ceramic Capacitors
GR0321X0E1R0WE01L MURATA-GR0321X0E1R0WE01L Datasheet
4Mb / 237P
Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
42Kb / 4P
Chip Monolithic Ceramic Capacitors
GR0321X0ER50WE01L MURATA-GR0321X0ER50WE01L Datasheet
4Mb / 237P
Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR034

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com