Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR034 Datasheet(PDF) 12 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 12 Page - Texas Instruments

Back Button GR034 Datasheet HTML 8Page - Texas Instruments GR034 Datasheet HTML 9Page - Texas Instruments GR034 Datasheet HTML 10Page - Texas Instruments GR034 Datasheet HTML 11Page - Texas Instruments GR034 Datasheet HTML 12Page - Texas Instruments GR034 Datasheet HTML 13Page - Texas Instruments GR034 Datasheet HTML 14Page - Texas Instruments GR034 Datasheet HTML 15Page - Texas Instruments GR034 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 1) (continued)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
EDGE RATE†
MIN
TYP‡
MAX
UNIT
tPLH
LOOPBACK
AO
2.5
5.5
ns
tPHL
LOOPBACK
AO
–
2
4.7
ns
tPLH
AI
AO
1
5.3
ns
tPHL
(loopback high)
AO
–
1
4.9
ns
Rise time B port outputs (20% to 80%)
Slow
2.8
tr
Rise time, B-port outputs (20% to 80%)
Fast
1.5
ns
Rise time, AO (10% to 90%)
3.5
Fall time B port outputs (80% to 20%)
Slow
3
tf
Fall time, B-port outputs (80% to 20%)
Fast
1.8
ns
Fall time, AO (90% to 10%)
1.5
† Slow (ERC = H) and Fast (ERC = L)
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
skew characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)§
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
EDGE RATE†
MIN
TYP‡
MAX
UNIT
tsk(LH)¶
AI
B
Slow
0.5
1
ns
tsk(HL)¶
AI
B
Slow
0.5
1
ns
tsk(LH)¶
AI
B
Fast
0.4
0.9
ns
tsk(HL)¶
AI
B
Fast
0.4
0.9
ns
tsk(LH)¶
CLKAB/LEAB
B
Slow
0.5
1
ns
tsk(HL)¶
CLKAB/LEAB
B
Slow
0.5
1
ns
tsk(LH)¶
CLKAB/LEAB
B
Fast
0.4
0.9
ns
tsk(HL)¶
CLKAB/LEAB
B
Fast
0.4
0.9
ns
AI
B
Slow
1.4
2
t k(t)¶
AI
B
Fast
0.6
1.4
ns
tsk(t)¶
CLKAB/LEAB
B
Slow
1.8
2.5
ns
CLKAB/LEAB
B
Fast
0.9
1.8
† Slow (ERC = L) and Fast (ERC = H)
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
§ Actual skew values between the GTLP outputs could vary on the backplane due to the loading and impedance seen by the device.
¶ tsk(LH)/tsk(HL) and tsk(t) – Output-to-output skew is defined as the absolute value of the difference between the actual propagation delay for all
outputs with the same packaged device. The specifications are given for specific worst-case VCC and temperature and apply to any outputs
switching in the same direction either high to low [tsk(HL)] or low to high [tsk(LH)] or in opposite directions, both low to high and high to low [tsk(t)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com