Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR034 Datasheet(PDF) 10 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 10 Page - Texas Instruments

Back Button GR034 Datasheet HTML 6Page - Texas Instruments GR034 Datasheet HTML 7Page - Texas Instruments GR034 Datasheet HTML 8Page - Texas Instruments GR034 Datasheet HTML 9Page - Texas Instruments GR034 Datasheet HTML 10Page - Texas Instruments GR034 Datasheet HTML 11Page - Texas Instruments GR034 Datasheet HTML 12Page - Texas Instruments GR034 Datasheet HTML 13Page - Texas Instruments GR034 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
175
MHz
tw
Pulse duration
CLKAB/LEAB or CLKBA/LEBA
2.8
ns
AI before CLKAB
↑
1.1
AI before CLKBA
↑
1.4
t
Setup time
B before CLKBA
↑
1.3
ns
tsu
Setup time
AI before LEAB
↓
1.3
ns
AI before LEBA
↓
2.1
B before LEBA
↓
2.2
AI after CLKAB
↑
0.3
AI after CLKBA
↑
0.2
th
Hold time
B after CLKBA
↑
0.2
ns
th
Hold time
AI after LEAB
↓
0.3
ns
AI after LEBA
↓
0
B after LEBA
↓
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com