Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR034 Datasheet(PDF) 13 Page - Texas Instruments

Part # GR034
Description  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GR034 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GR034 Datasheet HTML 9Page - Texas Instruments GR034 Datasheet HTML 10Page - Texas Instruments GR034 Datasheet HTML 11Page - Texas Instruments GR034 Datasheet HTML 12Page - Texas Instruments GR034 Datasheet HTML 13Page - Texas Instruments GR034 Datasheet HTML 14Page - Texas Instruments GR034 Datasheet HTML 15Page - Texas Instruments GR034 Datasheet HTML 16Page - Texas Instruments GR034 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SN74GTLP2034
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES353C – JUNE 2001 – REVISED SEPTEMBER 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
Open
GND
500
Ω
500
Ω
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
6 V
GND
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
≈0 V
3 V
0 V
tw
Input
3 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
(VM = 1.5 V for A port and 1 V for B port)
(VOH = 3 V for A port and 1.5 V for B port)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(AI to B port)
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
(AO)
Output
Input
1.5 V
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
12.5
Ω
LOAD CIRCUIT FOR B OUTPUTS
0 V
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(B port to AO)
Output
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≈ 10 MHz, ZO = 50 Ω, tr ≈ 2 ns, tf ≈ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
6 V
tPLH
tPHL
VOH
0 V
VM
VM
Data
Input
3 V
0 V
tsu
th
Timing
Input
1.5 V
1.5 V
1.5 V
1.5 V
1 V
1 V
1 V
1 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com