Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2904W
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 2 Page - STMicroelectronics

  LM2904W Datasheet HTML 1Page - STMicroelectronics LM2904W Datasheet HTML 2Page - STMicroelectronics LM2904W Datasheet HTML 3Page - STMicroelectronics LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM2904W
2/10
SCHEMATIC DIAGRAM (1/2 LM2904W)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+32
V
Vid
Differential Input Voltage
-0.3v to Vcc + 0.3
V
VI
Input Voltage
-0.3v to Vcc + 0.3
V
ESD
Human Body Model 3)
2kV
Output Short-circuit Duration1)
Infinite
s
ptot
Power Dissipation
500
mW
Iin
Input Current 2)
50
mA
Toper
Operating Free-Air Temperature Range
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
1.
Short-circuits from the output to Vcc can cause excessive heating if Vcc
+ > 15V. The maximum output current is approximately 40mA,
independent of the magnitude of Vcc. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
2.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this diode action, there is also NPN parasitic action on
the IC chip. this transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive)
for the time duration than an input is driven negative.
This is not destructive and normal output will set up again for input voltage higher than -0.3V
3)
Human body model, 100pF discharged through a 1.5K
Ω resistor, into pin to pin of device.
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 30
V
Vicm
Common Mode Input Voltage Range
VCC
+ - 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com