Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2904W
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 5 Page - STMicroelectronics

  LM2904W Datasheet HTML 1Page - STMicroelectronics LM2904W Datasheet HTML 2Page - STMicroelectronics LM2904W Datasheet HTML 3Page - STMicroelectronics LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM2904W
5/10
VOLTAGE FOLLOWER PULSSE RESPONSE
(SMALL SIGNAL)
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (m s)
500
450
400
350
300
250
OUTPUT CHARACTERISTICS
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1
INPUT CURRENT (Note 1)
-55 -35 -15
5
25
45 65
85 105 125
VI = 0 V
VCC = +30 V
VCC = +15 V
VCC = +5 V
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
CURRENT LIMITING (Note 1)
-
+
IO
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
-55 -35 -15
5
25
45 65
85 105 125
INPUT VOLTAGE RANGE
0
5
10
15
POWER SUPPLY VOLTAGE (±V)
Négative
Positive
15
10
5
SUPPLY CURRENT
010
20
30
Tamb = -55°C
VCC
mA
ID
-
+
Tamb = 0°C to +125°C
POSITIVE SUPPLY VOLTAGE (V)
4
3
2
1
01020
30
40
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k
Ω
L
R= 2k
Ω
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
100
75
50
25
amb
T
= +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com