Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2904W
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 4 Page - STMicroelectronics

  LM2904W Datasheet HTML 1Page - STMicroelectronics LM2904W Datasheet HTML 2Page - STMicroelectronics LM2904W Datasheet HTML 3Page - STMicroelectronics LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM2904W
4/10
THD
Total Harmonic Distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, Vcc = 30V
0.02
%
DVio
Input Offset Voltage Drift
7
30
µV/°C
DIio
Input Offset Current Drift
10
300
pA/°C
VO1/VO2
Channel Separation 4)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4V, RS = 0Ω, 5V < VCC
+ < 30V, 0V < V
ic < VCC
+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so no loading charge
change exists on the input lines
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go to +32V without damage.
4.
Due to the proximity of external components insure that coupling is not originating via stray capacitance between these external parts. This typically
can be detected as this type of capacitance increases at higher frequences.
Symbol
Parameter
Min.
Typ.
Max.
Unit
OPEN LOOP FREQUENCY RESPONSE (NOTE 3)
1.0
10
100
1k
10k
100k
1M
10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M
Ω
VI
VCC/2
VCC = 30V &
0.1
µF
VCC V
O
-
+
-55°C
Tamb
+125°C
140
120
100
80
60
40
20
0
-55°C
Tamb
+125°C
LARGE SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k
Ω
1k
Ω
100k
Ω
+15V
VO
-
+
VI
20
15
10
5
0
VOLAGE FOLLOWER PULSE RESPONSE
010
20
30
40
TIME (
µs)
RL
2 k
Ω
VCC = +15V
4
3
2
1
0
3
2
1
OUTPUT CHARACTERISTICS
OUTPUT SINK CURRENT (
µ A)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb =+25°C
vcc/2
vcc
+
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com