Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2904W
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 3 Page - STMicroelectronics

  LM2904W Datasheet HTML 1Page - STMicroelectronics LM2904W Datasheet HTML 2Page - STMicroelectronics LM2904W Datasheet HTML 3Page - STMicroelectronics LM2904W Datasheet HTML 4Page - STMicroelectronics LM2904W Datasheet HTML 5Page - STMicroelectronics LM2904W Datasheet HTML 6Page - STMicroelectronics LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM2904W
3/10
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
cc
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage 1)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
27
9
mV
Iio
Input Offset Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
230
40
nA
Iib
Input Bias Current 2)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
20
150
200
nA
Avd
Large Signal Voltage Gain
VCC
+ = +15V,RL=2kΩ, Vo = 1.4V to 11.4V
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio (RS ≤10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
65
65
100
dB
Icc
Supply Current, all Amp, no load
Tamb = 25°C
VCC = +5V
Tmin ≤ Tamb ≤ Tmax.
VCC = +30V
0.7
1.2
2
mA
Vicm
Input Common Mode Voltage Range (Vcc= +30V)
3)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
0
0
VCC
+ -1.5
VCC
+ -2
V
CMR
Common-mode Rejection Ratio (RS = 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax.
70
60
85
dB
Isource
Output Short-circuit Current
VCC = +15V, Vo = +2V, Vid = +1V
20
40
60
mA
Isink
Output Sink Current
VO = 2V
VCC = +5V
VO = +0.2V
VCC = +15V
10
12
20
50
mA
VOPP
Output Voltage Swing (RL = 2kΩ
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V
VOH
High Level Output Voltage (Vcc + 30V)
Tamb = +25°C
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax.
Tamb = +25°C
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax.
26
26
27
27
27
28
V
VOL
Low Level Output Voltage (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew Rate
Vcc = 15V, Vi = 0.5 to 3V, RL = 2kΩ, CL = 100pF,
unity gain
0.3
0.6
V/µs
GBP
Gain Bandwidth Product f = 100kHz
Vcc = 30V,Vin = 10mV, RL = 2kΩ, CL = 100pF
0.7
1.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com