Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCD Datasheet(PDF) 2 Page - Leach International Corporation

Part # ZCD
Description  CONTACTOR, CENTER-OFF 100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZCD Datasheet(HTML) 2 Page - Leach International Corporation

  ZCD Datasheet HTML 1Page - Leach International Corporation ZCD Datasheet HTML 2Page - Leach International Corporation ZCD Datasheet HTML 3Page - Leach International Corporation ZCD Datasheet HTML 4Page - Leach International Corporation ZCD Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
COIL CHARACTERISTICS (Vdc)
SERIES ZC, ZCD
CODE
A
B
C
F
Vac 400 Hz
N
Suppressed[6]
Y [8]
YN [6]
Nominal operating voltage
28
12
6
115
28
28
28
Maximum operating voltage
29
14.5
7.2
124
29
29
29
Pick-up voltage maximum
- Nominal
18
9
4.5
90
18
18
18
- High temp test
20
10
5
95
20
20
20
- Continuous current test
22.5
11
5.7
100
22.5
22.5
22.5
Drop-out voltage, maximum
7
4.5
2.5
30
7
7
7
Coil resistance in Ohms ±20% at +25° C 150
38
9.3
-
150
xx/xxx xx/xxx
Coil current Amp max. @ Nom. Volt.
and +25° C
-
-
-
0.09
-
-
-
GENERAL CHARACTERISTICS
Temperature range
-55°C to 71°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
100,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1500 Vrms
- Coil to ground and Aux. contacts
1250 Vrms
Dielectric strength at altitude
700 Vrms (Main contacts)
500 Vrms (Coil and Auxiliary contacts)
Insulation resistance
- Initial (500 Vdc)
100 M
Ω min
- After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibration (70 to 500 Hz)
5 G
Shock (6 ms duration)
15 G
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage (Including bounce)
60 ms max
25 ms max (Economizer coil)
Release time at nominal voltage (Including bounce)
-DC
40 ms max
-AC
80 ms max
Release time at nominal voltage (Including bounce) : Economizer coil
-DC
25 ms max
-AC
35 ms max
Date of issue: 06/10
- 64 -
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com