Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCD Datasheet(PDF) 3 Page - Leach International Corporation

Part # ZCD
Description  CONTACTOR, CENTER-OFF 100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZCD Datasheet(HTML) 3 Page - Leach International Corporation

  ZCD Datasheet HTML 1Page - Leach International Corporation ZCD Datasheet HTML 2Page - Leach International Corporation ZCD Datasheet HTML 3Page - Leach International Corporation ZCD Datasheet HTML 4Page - Leach International Corporation ZCD Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GENERAL CHARACTERISTICS CONTINUED
SERIES ZC, ZCD
Contact bounce at nominal voltage
4 ms max
Weight
Noted
Overload
600 Amp @ 115/200 Vac, 400 Hz
Rupture
800 Amp @ 115/200 Vac, 400 Hz
Altitude
50,000 Feet
NUMBERING SYSTEM
ZC
- X
O
X
[9]ZCD - X
O
X
Relay family_____________________________________|
|
|
|
1-Mounting Style(A,B,Etc.)____________________________|
|
|
2-Terminal & Circuit______________________________________|
|
3-Coil Voltage(A,B,C,F & N)___________________________________|
NOTES
[1] Inductive load life, 20,000 cycles.
[2] Ratings are for double make terminal type 2, 4 & 6.
3. Alternate contact configurations and other special models available upon request. Please contact factory.
[4] Greater values for suppressed coils.
5. Terminal strength per para. 3,4,8,2,1 of MIL-R-6106.
[6] Suppressed "N & NY" coils have back EMF suppression to 62 Volts max.
[7] Suitable for transfer between unsynchronized power sources at rating shown.
[8] Economizer coils have a lower resistance primary coil for faster operate time. Once relay operates, the coil
switches to a higher resistance for lower power drain. Do not ramp up voltage on these coils.
[9] Non hermetic gasket sealed version.
10. This series drawing is for general use only. Please consult factory for special requirements.
Date of issue: 06/10
- 65 -
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com