Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCD Datasheet(PDF) 5 Page - Leach International Corporation

Part # ZCD
Description  CONTACTOR, CENTER-OFF 100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZCD Datasheet(HTML) 5 Page - Leach International Corporation

  ZCD Datasheet HTML 1Page - Leach International Corporation ZCD Datasheet HTML 2Page - Leach International Corporation ZCD Datasheet HTML 3Page - Leach International Corporation ZCD Datasheet HTML 4Page - Leach International Corporation ZCD Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TERMINAL CONFIGURATION AND CIRCUIT DIAGRAMS
SERIES ZC, ZCD
NOTE: Although all configuration and/or terminal type options are available, some combinations may require a setup charge and be
subject to minimum order size.
Date of issue: 06/10
- 67 -
Page 5 of 5
B1
-B
-
+A
+
A1
B1
C1
1
+
1
+
-B
+
+A
-
1
+
+
+X
-
-Y
1
+
-Y
-
A1
+X
+
B1
C1
A3
B3
C3
E
C2
B2
B3
C3
A3
-B
+A
-
+
H
A2
A1
D
E
C
L
K
C2
B2
A2
J
TERMINAL TYPE 3
AUXILIARY CONTACTS
3 PDT WITH 4 PDT 2
G
K
C
D
H
L
F
J
P
N
S
R
F
G
P
C1
V
N
M
U
K
L
J
TERMINAL TYPE 5
3 PDT WITH 6 PDT
AUXILIARY CONTACTS
M
Q
T
2
A2
B3
1
1
-
-Y
+
+X
+
+
A3
B1
C1
A1
B2
C2
C3
N
P
M
CONNECTOR
TERMINAL TYPE 7
3 PDT WITH 2 PDT
AUXILIARY CONTACTS 2
4
TERMINAL TYPE 6
1
-B
-
+A
+
A1
A2
+
+
-Y
-
+X
+
1
B1
B2
-B
1
+A
-
+
A1
A2
E
WITH 4 PDT AUXILIARY CONTACTS
J
C
E
D
L
K
SPDT DOUBLE MAKE
TERMINAL TYPE 4
2
M
F
H
G
P
N
C
D
L
J
K
S
Q
R
-Y
+X
+
+
-
+
B1
B2
H
3.44 MAX
1
CONNECTOR
SPDT DOUBLE MAKE
AUXILIARY CONTACTS
WITH 6 PDT
F
G
P
M
N
V
2
T
U
4
B1
A1
B2
A2
TERMINAL TYPE 1
1
1
B1
A2
-X2
+X1
A2
A1
B1
A3
B3
B2
+
3 PDT
C2
C1
C3
-Y2
+Y1
-X2
+X1
B3
A3
C3
B2
A1
C2
C1
-Y2
+Y1
2
1
-X2
-
+X1
+
A1
+
+
TERMINAL TYPE 2
SPDT WITH 2 PST-N.O.
A2
11
12
AUXILIARY CONTACTS
-Y2
-
1
+Y1
+
B1
12
B2
21
22
-X2
B1
+X1
A1
B2
11
22
B2
-Y2
21
+Y1
C1
TERMINAL TYPE 9
IS A GENERAL CATEGORY USED
FOR ALL TERMINAL TYPES NOT
ILLUSTRATED. FOR OTHER
VARIATIONS OF TERMINAL
CONFIGURATIONS-PLEASE
CONTACT FACTORY.
POLARITY INDICATION APPLIES TO D.C. COILS ONLY
AUXILIARY CONTACT RATING 28 VDC OR 115 VAC
RESISTIVE
INDUCTIVE
LAMP
BOUNCE AT NOMINAL VOLTAGE
OTHER AUXILIARY CONTACT FORMS AVAILABLE,
PLEASE CONTACT FACTORY.
.004 SEC MAX
1 AMP
3 AMP
5 AMP
1
2
COIL TERMINALS MAY BE IDENTIFIED AS
3
A-B, X1-X2, Y1-Y2 OR X-Y.
CIRCULAR CONNECTOR MS-STYLE OR EQUIVALENT
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com