Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCD Datasheet(PDF) 4 Page - Leach International Corporation

Part # ZCD
Description  CONTACTOR, CENTER-OFF 100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZCD Datasheet(HTML) 4 Page - Leach International Corporation

  ZCD Datasheet HTML 1Page - Leach International Corporation ZCD Datasheet HTML 2Page - Leach International Corporation ZCD Datasheet HTML 3Page - Leach International Corporation ZCD Datasheet HTML 4Page - Leach International Corporation ZCD Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CONFIGURATION STYLES
SERIES ZC, ZCD
Standard Tolerance: .XX ±.03, .XXX ±.010
Date of issue: 06/10
- 66 -
Page 4 of 5
X1
X2
3.42
2.875
3.65 DIA
SQUARE
MAX
2.875
.562 DIA LUG SEAT TYP
.645 MAX LUG DIA
.312 R WRENCH
CLEARANCE
.218
DIA
+.010
-.005
4 PLACES
POWER TERMINALS
.250-28 UNF-2A, STUD
STEEL CAD PLATE
NUT, .250-28 UNF-2B X 3/8 X 3/16
FLATWASHER, AN960-416L
(STEEL)
(STEEL)
LOCKWASHER, MS35338-44
COIL & AUXILIARY TERMINALS
.138-32 UNC-2A, STUD
STEEL CAD PLATE
NUT, .138-32 UNC-2B X 1/4 X 3/32
(STEEL)
FLATWASHER, AN960-6 (STEEL)
LOCKWASHER, MS35338-41
.62 ±.06
2.58 ±.06
3.36 ±.06
.62 ±.06
.09
4.28
MAX
UNPAINTED
(2 MTG HOLES)
SCHEMATIC
NAMEPLATE
MOUNTING STYLE A
WEIGHT: 2 LB MAXIMUM
WEIGHT IS DEPENDENT UPON CONFIGURATION REQUIRED.
PLEASE CONSULT FACTORY.
WEIGHT IS DEPENDENT UPON CONFIGURATION REQUIRED.
MOUNTING STYLE B
LOCKWASHER, MS35338-44
FLATWASHER, AN960-416L
NUT, .250-28 UNF-2B X 3/8 X 3/16
.250-28 UNF-2A, STUD
.645 MAX LUG DIA
.62 ±.06
2.61 ±.06
.0
3.39 ±.06
.62 ±.06
PLEASE CONSULT FACTORY.
WEIGHT: 2 LB 6 OZ MAXIMUM
.562 DIA LUG SEAT TYP
(STEEL)
(STEEL)
STEEL CAD PLATE
POWER TERMINALS
4.75 MAX
3.937
CLEARANCE
.265 R WRENCH
3.15 ±.06
REF
(FARSIDE)
SCHEMATIC
(THIS SIDE)
NAMEPLATE
MAX
4.28
4 PLACES
.218
DIA
-.005
+.010
CONNECTOR
KEYWAY
MAX
3.66
2.843
"A, B, C & F" COIL
STANDARD
+A,+X,+X1 OR +Y1
WITH
COIL SUPPRESSION
"N" COIL
STANDARD
ECONOMIZER COIL
"YN" COIL
COIL SUPPRESSION
WITH
ECONOMIZER COIL
"Y" COIL
COIL CIRCUIT CONFIGURATION3
-B,-Y,-X2 OR -Y2
+A,+X,+X1 OR +Y1
-B,-Y,-X2 OR -Y2
+A,+X,+X1 OR +Y1
-B,-Y,-X2 OR -Y2
+A,+X,+X1 OR +Y1
-B,-Y,-X2 OR -Y2
4
WEIGHT: 2 LB 13 OZ MAXIMUM
MOUNTING STYLE K
.65 ±.03
3.13 ±.03
MAX
3.78
MAX
4.00
CONNECTOR
NAMEPLATE
2.86 MAX
TERMINAL BARRIER ASSY
3.89 MAX
3.125
5.06
MAX
4.28
C1
B1
4 MTG HOLES
.218 +.010 -.005 DIA
LOCKWASHER, MS35338-44
FLATWASHER, AN960-416L
NUT, .250 X 28 UNF-2B X 3/8 X 3/16
STUD, .250 X 28 UNF-2A
9 EACH REQUIRED
CIRCUIT DIAGRAM
STEEL CAD PLATE
MTG HOLE CLEARANCE
A1
TOP FOR CLARITY
SHOWN WITHOUT
TERMINAL BARRIER
.594 REF DIA TYP
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com