Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120F Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CGH40120F Datasheet HTML 1Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 2Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CGH40120F
3
Rev 4.1 - March 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Typical Performance
Gain and Input Return Loss vs Frequency measured in
Broadband Amplifier Circuit CGH40120F-AMP
V
DD = 28 V, IDQ = 1.0 A
Gain, Output Power and PAE vs Frequency measured in
Broadband Amplifier Circuit CGH40120F-AMP
V
DD = 28 V, IDQ = 1.0 A
Frequency (MHz)
5
15
25
15
20
25
CGH40120F S21
CGH40120F S11
-25
-15
-5
0
5
10
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
Frequency (MHz)
100
125
150
20
25
30
0
25
50
75
0
5
10
15
1200
1250
1300
1350
1400
Frequency (MHz)
Gain
Output Power
PAE
Gain
PAE
Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com