Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120F Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  CGH40120F Datasheet HTML 1Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 2Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 4.1 - March 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
CGH40120F
120 W, RF Power GaN HEMT
Description
Cree’s CGH40120F is an unmatched, gallium nitride (GaN) high
electron mobility transistor (HEMT). The CGH40120F, operating
from a 28 volt rail, offers a general purpose, broadband solution
to a variety of RF and microwave applications. GaN HEMTs offer
high efficiency, high gain and wide bandwidth capabilities making
the CGH40120F ideal for linear and compressed amplifier circuits.
The transistor is available in a flange package.
Package Types: 440193
PN: CGH40120F
Features
• Up to 2.5 GHz Operation
• 20 dB Small Signal Gain at 1.0 GHz
• 15 dB Small Signal Gain at 2.0 GHz
• 120 W Typical P
SAT
• 70 % Efficiency at P
SAT
• 28 V Operation
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms
Large Signal Models Available for ADS and MWO


Similar Part No. - CGH40120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120F-AMP CREE-CGH40120F-AMP Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120F-TB CREE-CGH40120F-TB Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
More results

Similar Description - CGH40120F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
10 W, RF Power GaN HEMT
Rev 1.4
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
6 W, RF Power GaN HEMT
Rev 3.0
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.0
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
180 W, RF Power GaN HEMT
Rev 3.0
logo
WOLFSPEED, INC.
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120P WOLFSPEED-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com