Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120F Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  CGH40120F Datasheet HTML 1Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 2Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CGH40120F
4
Rev 4.1 - March 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Typical 800 MHz - 1300 MHz Performance
Gain, Output Power, and Power Added Efficiency vs Frequency
measured in 0.8-1.3 GHz Amplifier Circuit 03-000255
V
DD = 28 V, IDQ = 1.0 A
Frequency (MHz)
Output Power and Power Added Efficiency vs Frequency
measured in DVB Amplifier Circuit 03-000256
V
DD = 32 V, IDQ = 1.0 A
Frequency (MHz)
65
70
75
80
140
150
160
50
55
60
65
100
110
120
130
1350
1375
1400
1425
1450
1475
1500
1525
1550
Frequency (MHz)
Output Power (W)
PAE (%)
75
100
125
150
15
20
25
30
0
25
50
75
0
5
10
15
750
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
1350
Frequency (MHz)
Small Signal Gain (dB)
Assoc. Gain (dB)
Psat (W)
PAE (%)
Typical Digital Video Broadcast (DVB) Performance
Gain (Assoc)
Gain (SS)
PAE
P
SAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com