Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120F Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button CGH40120F Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 9Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 10Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CGH40120F
7
Rev 4.1 - March 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
CGH40120F CW Power Dissipation De-rating Curve
Frequency
Z Source
Z Load
500
2 + j3.3
5.14 + j0.04
1000
0.81 + j0.18
4.68 - j0.26
1500
0.75 - j1.56
3.44 - j0.77
2000
0.84 - j3
2.34 - j0.95
2500
1.2 - j4.43
2.7 - j2.56
3000
1.09 - j5.9
3.06 - j3.82
Source and Load Impedances
Note 1. Area exceeds Maximum Case Operating Temperature (See Page 2)
Maximum Case Temperature (°C)
D
Z Source
Z Load
G
S
60
80
100
120
CGH40120F Power Dissipation De-Rating Curve
0
20
40
0
25
50
75
100
125
150
175
200
225
250
Maximum Temperature (°C)
Note 1
Note 1. V
DD = 28V, IDQ = 1.0 A in the 440193 package.
Note 2. Optimized for power gain, P
SAT and PAE.
Note 3. When using this device at low frequency, series resistors should be used to maintain amplifier stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com