Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5521 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5521
Description  Evaluation Board and Software
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5521 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5521 Datasheet HTML 1Page - Cirrus Logic CDB5521 Datasheet HTML 2Page - Cirrus Logic CDB5521 Datasheet HTML 3Page - Cirrus Logic CDB5521 Datasheet HTML 4Page - Cirrus Logic CDB5521 Datasheet HTML 5Page - Cirrus Logic CDB5521 Datasheet HTML 6Page - Cirrus Logic CDB5521 Datasheet HTML 7Page - Cirrus Logic CDB5521 Datasheet HTML 8Page - Cirrus Logic CDB5521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CDB5521/22/23/24/28
DS317DB2
5
1
C29
10µF
C14
0.1µF
2
+5V Analog
R15
10
Ω
14
C15
0.1µF
C30
10µF
10
11
Y2
32.768kHz
VA+
AGND
VD+
XIN
XOUT
9
CS
8
SDI
12
SDO
15
SCLK
6
A0
16
A1
13
DGND
To
Figure 3
U6
CS5521
CS5522*
C32
0.1µF
HDR1
C33
0.1µF
HDR2
C34
0.1µF
HDR8
C2
4700pF
C3
4700pF
R17
301
Ω
R18
301
Ω
R25
301
Ω
1
2
3
4
AIN1+
AIN1-
AIN2+
AIN2-
AIN1+
AIN1-
AIN2+
HDR5
3
4
18
20
19
VREF+
VREF-
C16
0.1µF
R24
49.9
Ω
U4
LT1019
R7
20k
Ω
GND
OUT
IN
C20
0.1µF
+5V Analog
TRIM
C1
4700pF
R21
301
Ω
R22
301
Ω
+5V Analog
REF+
REF-
JP3
J2
JP4
JP5
JP6
C41
0.1µF
C40
0.1µF
5
NBV
337
GND
HDR4
D3
1N4148
7
CPD
C9
0.033µF
D2
1N4148
CPD
C22
10µF
D5
BAT85
+
U2
LM337_LZ
R23
1k
Ω
R16
1k
Ω
C11
0.1µF
+
ADJ
VOUT
VIN
C21
1µF +
-5V Analog
J1
JP7
AIN2-
17
C35
0.1µF
HDR9
R26
301
Ω
* CS5521 and CS5522 are interchangeable
Figure 1. CS5522 Analog Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com