Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5521 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5521
Description  Evaluation Board and Software
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5521 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5521 Datasheet HTML 1Page - Cirrus Logic CDB5521 Datasheet HTML 2Page - Cirrus Logic CDB5521 Datasheet HTML 3Page - Cirrus Logic CDB5521 Datasheet HTML 4Page - Cirrus Logic CDB5521 Datasheet HTML 5Page - Cirrus Logic CDB5521 Datasheet HTML 6Page - Cirrus Logic CDB5521 Datasheet HTML 7Page - Cirrus Logic CDB5521 Datasheet HTML 8Page - Cirrus Logic CDB5521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
\
CDB5521/22/23/24/28
CDB5521/22/23/24/28 Evaluation Board and Software
Features
l Evaluation Board and Software Supports All
Chips: CS5521, CS5522, CS5523, CS5524,
and CS5528
l Direct Thermocouple Interface
l RS-232 to PC With Test Modes
l On-board 80C51 Microcontroller
l On-board Voltage Reference
l Lab Windows/CVITM Evaluation Software
– Register Setup & Chip Control
– Data Capture
– FFT Analysis
– Time Domain Analysis
– Noise Histogram Analysis
l On-board Charge Pump Drive Circuitry
General Description
The CDB5521/22/23/24/28 is an inexpensive tool de-
signed to evaluate the performance of the CS5521,
CS5522, CS5523, CS5524, and CS5528 Analog-to-Dig-
ital Converters (ADC).
The evaluation board includes a 2.5 V voltage reference,
an 80C51 microcontroller, an RS232 driver/receiver, and
firmware. The 8051 controls the serial communication
between the evaluation board and the PC via the firm-
ware, thus, enabling quick and easy access to all of the
CS5521/22/23/24/28’s registers.
The CDB5521/22/23/24/28 also includes one installed
ADC sample, and software for Data Capture, Time Do-
main Analysis, Histogram Analysis, and Frequency
Domain Analysis.
ORDERING INFORMATION
CDB5521/22/23/24/28
Evaluation Board
AIN1+
AIN1-
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
NBV
CPD
NBV DRIVE
CIRCUITRY
CRYSTAL
32.768 kHz
REF+
REF-
VOLTAGE
REFERENCE
J2
+5 ANALOG
-5 ANALOG
AGND
CS5522
CS5523
CS5524
CS5528
+5 DIGITAL
DGND
LEDs
A1
A0
SCLK
SDO
SDI
CS
80C51
Microcontroller
TEST
SWITCHES
CRYSTAL
11.0592 MHz
RESET
CIRCUITRY
RS232
DRIVER/RECEIVER
RS232
CONNECTOR
J1
3
2
1
on off
CS5521
MAY ‘00
DS317DB2


Similar Part No. - CDB5521

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
Low Power, 20-Bit A/D Converter
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5511 CIRRUS-CDB5511 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5512 CIRRUS-CDB5512 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5513 CIRRUS-CDB5513 Datasheet
2Mb / 22P
Evaluation Board and Software
More results

Similar Description - CDB5521

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
Evaluation Board and Software
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
CDB5532U Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com