Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5521 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB5521
Description  Evaluation Board and Software
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5521 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB5521 Datasheet HTML 7Page - Cirrus Logic CDB5521 Datasheet HTML 8Page - Cirrus Logic CDB5521 Datasheet HTML 9Page - Cirrus Logic CDB5521 Datasheet HTML 10Page - Cirrus Logic CDB5521 Datasheet HTML 11Page - Cirrus Logic CDB5521 Datasheet HTML 12Page - Cirrus Logic CDB5521 Datasheet HTML 13Page - Cirrus Logic CDB5521 Datasheet HTML 14Page - Cirrus Logic CDB5521 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CDB5521/22/23/24/28
DS317DB2
11
Self-Offset Calibration
Calibration Command (HEX)
Self-Offset Calibration on Setup 1
81
Self-Offset Calibration on Setup 2
89
Self-Offset Calibration on Setup 3
91
Self-Offset Calibration on Setup 4
99
Self-Offset Calibration on Setup 5
A1
Self-Offset Calibration on Setup 6
A9
Self-Offset Calibration on Setup 7
B1
Self-Offset Calibration on Setup 8
B9
Self-Offset Calibration on Setup 9
C1
Self-Offset Calibration on Setup 10
C9
Self-Offset Calibration on Setup 11
D1
Self-Offset Calibration on Setup 12
D9
Self-Offset Calibration on Setup 13
E1
Self-Offset Calibration on Setup 14
E9
Self-Offset Calibration on Setup 15
F1
Self-Offset Calibration on Setup 16
F9
Self Gain Calibration
Calibration Command (HEX)
Self-Gain Calibration on Setup 1
82
Self-Gain Calibration on Setup 2
8A
Self-Gain Calibration on Setup 3
92
Self-Gain Calibration on Setup 4
9A
Self-Gain Calibration on Setup 5
A2
Self-Gain Calibration on Setup 6
AA
Self-Gain Calibration on Setup 7
B2
Self-Gain Calibration on Setup 8
BA
Self-Gain Calibration on Setup 9
C2
Self-Gain Calibration on Setup 10
CA
Self-Gain Calibration on Setup 11
D2
Self-Gain Calibration on Setup 12
DA
Self-Gain Calibration on Setup 13
E2
Self-Gain Calibration on Setup 14
EA
Self-Gain Calibration on Setup 15
F2
Self-Gain Calibration on Setup 16
FA
Table 4. Microcontroller Self Calibration Commands via RS-232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com