Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5521 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB5521
Description  Evaluation Board and Software
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5521 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB5521 Datasheet HTML 6Page - Cirrus Logic CDB5521 Datasheet HTML 7Page - Cirrus Logic CDB5521 Datasheet HTML 8Page - Cirrus Logic CDB5521 Datasheet HTML 9Page - Cirrus Logic CDB5521 Datasheet HTML 10Page - Cirrus Logic CDB5521 Datasheet HTML 11Page - Cirrus Logic CDB5521 Datasheet HTML 12Page - Cirrus Logic CDB5521 Datasheet HTML 13Page - Cirrus Logic CDB5521 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CDB5521/22/23/24/28
10
DS317DB2
Register
Read Command (HEX)
Write Command (HEX)
Offset Register Physical Channel 1
09
01
Offset Register Physical Channel 2
19
11
Offset Register Physical Channel 3
29
21
Offset Register Physical Channel 4
39
31
Offset Register Physical Channel 5
49
41
Offset Register Physical Channel 6
59
51
Offset Register Physical Channel 7
69
61
Offset Register Physical Channel 8
79
71
Gain Register Physical Channel 1
0A
02
Gain Register Physical Channel 2
1A
12
Gain Register Physical Channel 3
2A
22
Gain Register Physical Channel 4
3A
32
Gain Register Physical Channel 5
4A
42
Gain Register Physical Channel 6
5A
52
Gain Register Physical Channel 7
6A
62
Gain Register Physical Channel 8
7A
72
Configuration Register
0B
03
Conversion Data FIFO
0C
---
Channel Setup Registers
0D
05
Table 2. Microcontroller Read/Write Commands via RS-232
Perform Conversion
Conversion Command (HEX)
Normal Conversion on Setup 1
80
Normal Conversion on Setup 2
88
Normal Conversion on Setup 3
90
Normal Conversion on Setup 4
98
Normal Conversion on Setup 5
A0
Normal Conversion on Setup 6
A8
Normal Conversion on Setup 7
B0
Normal Conversion on Setup 8
B8
Normal Conversion on Setup 9
C0
Normal Conversion on Setup 10
C8
Normal Conversion on Setup 11
D0
Normal Conversion on Setup 12
D8
Normal Conversion on Setup 13
E0
Normal Conversion on Setup 14
E8
Normal Conversion on Setup 15
F0
Normal Conversion on Setup 16
F8
Table 3. Microcontroller Conversion Commands via RS-232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com