Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5513 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5513 Datasheet HTML 1Page - Cirrus Logic CDB5513 Datasheet HTML 2Page - Cirrus Logic CDB5513 Datasheet HTML 3Page - Cirrus Logic CDB5513 Datasheet HTML 4Page - Cirrus Logic CDB5513 Datasheet HTML 5Page - Cirrus Logic CDB5513 Datasheet HTML 6Page - Cirrus Logic CDB5513 Datasheet HTML 7Page - Cirrus Logic CDB5513 Datasheet HTML 8Page - Cirrus Logic CDB5513 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CDB5510/11/12/13
DS337DB2
5
DIP switches on the CDB5510 should be set to the
“CS5511/13 Internally Clocked” section of Table
3.
1.6 PC Interface
The evaluation system comes with software and an
RS-232 cable to link the evaluation board to the
PC. The executable software was developed with
LabWindows/CVI and meant to run under Win-
dows95 or 98. After installing the software, read
the readme.txt file for any last minute changes in
the software. Additionally, Section 2.0: Software
in this document further details how to install and
use the software.
1.7 Adding an Amplifier to the CDB5510
The CDB5510 is laid out so that a standard 8-pin
SOIC dual op-amp of the user’s choosing can be in-
stalled on the board to allow evaluation of the
CS5510/11/12/13’s performance with an op-amp
front-end. If an op-amp front-end is desired, the ad-
ditional components such as feedback resistors and
bypass capacitors must also be installed on the
board. A schematic of the amplifier section includ-
ing some typical component values is shown in
Figure 9. The amplifier is configured to operate in
either a single non-inverting, or a dual differential
configuration. The mode of operation can be select-
ed by changing the jumper on HDR2. Using the
components shown in Figure 9, the gain of the am-
plifier will be 10 in the single configuration, or 21
in the dual configuration. Different gain values can
be achieved by changing the value of resistors R6,
R17, and R18.
1.8 Interfacing to an External Controller
The ADC serial interface is SPIand MICROW-
IRETM compatible. The interface control lines (CS,
SDO, and SCLK) are connected to the 8515 micro-
controller on the CDB5510. The ADCs can be in-
terfaced to an external microcontroller through
HDR6onthe CDB5510. To accomplish this,the
CDB5510 board must be modified in one of three
ways: 1) remove the microcontroller from its sock-
et, 2) remove resistors R20-R22, or 3) cut the inter-
face control traces between the microcontroller and
the header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com