Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5513 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CDB5513 Datasheet HTML 10Page - Cirrus Logic CDB5513 Datasheet HTML 11Page - Cirrus Logic CDB5513 Datasheet HTML 12Page - Cirrus Logic CDB5513 Datasheet HTML 13Page - Cirrus Logic CDB5513 Datasheet HTML 14Page - Cirrus Logic CDB5513 Datasheet HTML 15Page - Cirrus Logic CDB5513 Datasheet HTML 16Page - Cirrus Logic CDB5513 Datasheet HTML 17Page - Cirrus Logic CDB5513 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
V- POST
J7
P6KE6V8P
Z1
V+ POST
J6
AGND
V-
GND POST
J5
AGND
AGND
P6KE6V8P
Z2
.1UF
C20
C4
47UF
.1UF
C14
C5
47UF
R24
10
V+
VD+
Note: (V+) - (V-) must be 5V for proper operation of the
ADC.
Also, (V+) - (GND) must be at least 3V for the
digital portion of the board to operate.
Some Valid Power Supply Options:
1) V+ = 5V, V- = 0V, GND = 0 V
2) V+ = 3V, V- = -2V, GND = 0 V
Figure 7. CDB5510 Power Supply Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com