Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5513 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5513 Datasheet HTML 1Page - Cirrus Logic CDB5513 Datasheet HTML 2Page - Cirrus Logic CDB5513 Datasheet HTML 3Page - Cirrus Logic CDB5513 Datasheet HTML 4Page - Cirrus Logic CDB5513 Datasheet HTML 5Page - Cirrus Logic CDB5513 Datasheet HTML 6Page - Cirrus Logic CDB5513 Datasheet HTML 7Page - Cirrus Logic CDB5513 Datasheet HTML 8Page - Cirrus Logic CDB5513 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CDB5510/11/12/13
CDB5510/11/12/13 Evaluation Board and Software
Features
! Supports the CS5510, CS5511, CS5512, and
CS5513 8-pin ADCs
! On-board Oscillator (CS5510/12)
! RS-232 Serial Communication with PC
! On-board Microcontroller
! On-board Voltage Reference
! LabWindows/CVIEvaluation Software
– Chip Control and Data Capture
– FFT Analysis
– Time Domain Analysis
– Noise Histogram Analysis
! Includes CDB551x, CS551X sample, and
Software
General Description
The CDB5510/11/12/13 is an inexpensive tool designed
to evaluate the performance of the CS5510/11/12/13 8-
pin Analog to Digital Converters. This document, as well
as the CS5510/11/12/13 data sheet should be read thor-
oughly before using the CDB5510/11/12/13 Evaluation
System.
The evaluation system consists of a CDB5510 Board
and PC software which allows the user to easily capture
and analyze data. The provided analysis functions in the
software include Time Domain Analysis, Histogram
Analysis, and Frequency Domain Analysis.
ORDERING INFORMATION:
CDB5510/11/12/13
Evaluation System
Includes CDB5510 and One Sample
GND
LEDs
AT90S8515
MICROCONTROLLER
DIP
SWITCHES
CRYSTAL
3.6864 MHz
RESET
CIRCUITRY
RS232
TRANS-
CEIVER
RS232
CONNECTOR
V-
V+
VOLTAGE
REFERENCE
CS5510
CS5511
CS5512
CS5513
SCLK
SDO
CS
OSC.
CIRCUITRY
VREF
AIN+
AIN-
AIN+
AIN-
VREF
V-
V+
V-
OCT ‘01
DS337DB2


Similar Part No. - CDB5513

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
Low Power, 20-Bit A/D Converter
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5522 CIRRUS-CDB5522 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5523 CIRRUS-CDB5523 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5524 CIRRUS-CDB5524 Datasheet
1Mb / 28P
Evaluation Board and Software
More results

Similar Description - CDB5513

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
Evaluation Board and Software
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
CDB5532U Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com