Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5513 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CDB5513 Datasheet HTML 14Page - Cirrus Logic CDB5513 Datasheet HTML 15Page - Cirrus Logic CDB5513 Datasheet HTML 16Page - Cirrus Logic CDB5513 Datasheet HTML 17Page - Cirrus Logic CDB5513 Datasheet HTML 18Page - Cirrus Logic CDB5513 Datasheet HTML 19Page - Cirrus Logic CDB5513 Datasheet HTML 20Page - Cirrus Logic CDB5513 Datasheet HTML 21Page - Cirrus Logic CDB5513 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
AGND
TANT
.1UF
C13
TANT
C12
.1UF
AGND
AGND
9
8
7
6
5
4
3
2
1
DE9F_RA
J4
R13
10K
AGND
TANT
.1UF
C11
AGND
GND
T1OUT
R2OUT
T2IN
T1IN
R1OUT
R1IN
VCC
R2IN
T2OUT
V-
C2-
C2+
C1-
V+
C1+
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MAX3232CPE
U3
.1UF
C17
.1UF
C18
VD+
VD+
47PF
C6
49.9K
R19
2PF
26
SCLK
AGND
10M
R10
AGND
32.768KHZ
Y2
AGND
VCC
GND
5
4
3
2
1
NC7SZU04M5
U2
C23
.1UF
2
1
HDR7
VD+
OG
COG
RS232RX
RS232TX
Figure 11. CDB5510 RS232 and Oscillator Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com