Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.CC Datasheet(PDF) 13 Page - ams AG

Part # GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Datasheet(HTML) 13 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 9Page - ams AG GWCSSRM1.CC Datasheet HTML 10Page - ams AG GWCSSRM1.CC Datasheet HTML 11Page - ams AG GWCSSRM1.CC Datasheet HTML 12Page - ams AG GWCSSRM1.CC Datasheet HTML 13Page - ams AG GWCSSRM1.CC Datasheet HTML 14Page - ams AG GWCSSRM1.CC Datasheet HTML 15Page - ams AG GWCSSRM1.CC Datasheet HTML 16Page - ams AG GWCSSRM1.CC Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(85°C)
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,39
0,40
0,41
0,42
0,43
Cx
Cy
: Cx - white
: Cy - white
Relative Forward Voltage 5) page 25
Relative Vorwärtsspannung 5) Seite 25
Relative Luminous Flux 5) page 25
Relativer Lichtstrom 5) Seite 25
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
2018-05-10
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com