Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.CC Datasheet(PDF) 14 Page - ams AG

Part # GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Datasheet(HTML) 14 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 10Page - ams AG GWCSSRM1.CC Datasheet HTML 11Page - ams AG GWCSSRM1.CC Datasheet HTML 12Page - ams AG GWCSSRM1.CC Datasheet HTML 13Page - ams AG GWCSSRM1.CC Datasheet HTML 14Page - ams AG GWCSSRM1.CC Datasheet HTML 15Page - ams AG GWCSSRM1.CC Datasheet HTML 16Page - ams AG GWCSSRM1.CC Datasheet HTML 17Page - ams AG GWCSSRM1.CC Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
GW CSSRM1.CC
0
20
40
60
80
100
120
Ts
[°C]
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
IF
[mA]
2018-05-10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com