Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362002FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA362002FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362002FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA362002FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
GTRA362002FC
Rev. 06, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Load Pull
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, IDQ = 110 mA, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
3400
21+j11
8.9-j7.7
15.5
51.31
135
70.0
5.2-j6.6
16.7
50.10
102
76.5
3500
14+j4
9.6-j9.2
15.3
51.23
133
68.6
4.9-j6.9
16.6
49.60
91
77.7
3600
11+j0
10.1-j10.4
15.1
51.33
136
68.1
5.5-j8.2
16.4
50.00
100
77.9
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, IDQ = 140 mA, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
3400
30+j8
6.8-j9.8
15.1
52.23
167
61.1
4.4-j7.1
16.8
51.06
127
69.0
3500
21+j3.5
8.0-j10
14.9
52.20
166
61.3
5.4-j6.3
16.2
50.90
123
68.0
3600
17-j0.8
9.1-j9
14.7
52.04
160
60.8
5.3-j7.3
16.2
50.72
118
66.0
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
33
37
41
45
49
53
57
Output Power (dBm)
Pulse CW Performance
VDD = 48 V, IDQ(MAIN) = 110 mA,
VGS(PEAK) = -5.5 V
3400MHz Gain
3500MHz Gain
3600MHz Gain
3400MHz Eff
3500MHz Eff
3600MHz Eff
gtra362002fc_g5
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
33
37
41
45
49
53
57
Output Power (dBm)
Pulse CW Performance at various VDD
IDQ(MAIN) = 110 mA, VGS(PEAK) = -5.5 V,
ƒ = 3600 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtra362002fc_g6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com