Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362002FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA362002FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362002FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA362002FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
GTRA362002FC
Rev. 06, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 3400 – 3600 MHz
Reference circuit assembly diagram (not to scale)
C211
C206
C201
C205
C202
C203
C204
C208
C207
C212
C209
C213
C215
C216
C214
C112
C102
C101
C103
R101
C105
C106
R103
R104
C111
C107
C108
C109
C110
R102
C114
C113
GTRA362002FC
_IN_02A
RF_IN
RF_OUT
VDD
VGS(MAIN)
VDD
G TRA 36 200 2FC _ CD_ 08 - 14 - 20 18
RO4350, 20 MIL
GTRA362002FC_OUT_02A
RO4350, 20 MIL
C210
C115
U1
C104
VGS(PEAK)
Reference Circuit Assembly
DUT
GTRA362002FC V1
Test Fixture Part No.
LTA/GTRA362002FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 3400 – 3600 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com