Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362002FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA362002FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362002FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA362002FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Rev. 06, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTRA362002FC
Package H-37248C-4
Thermally-Enhanced High Power RF GaN on SiC HEMT
200 W, 48 V, 3400 – 3600 MHz
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetrical Doherty design
- Main: P3dB = 85 W Typ
- Peak: P3dB = 115 W Typ
• Typical Pulsed CW performance, 3500 MHz, 48 V,
combined outputs
- Output power at P3dB = 200 W
- Efficiency = 60%
- Gain = 12.5 dB
• Capable of handling 10:1 VSWR @50 V, 30 W (WCDMA)
output power
• Human Body Model Class 1A, (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The GTRA362002FC is a 200-watt (P3dB) GaN on SiC high electron mobil-
ity transistor (HEMT) designed for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency, and a
thermally-enhanced package with earless flange.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 48 V, IDQ = 110 mA, POUT = 29 W avg, VGS(peak) = VGS @IDQ = 140 mA – 2.0 V, ƒ = 3600 MHz, 3GPP signal, channel bandwidth = 3.84
MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
12.5
13.5
dB
Drain Efficiency
hD
38
42
%
Adjacent Channel Power Ratio
ACPR
–29
–26
dBc
Output PAR @ 0.01% CCDF
OPAR
7
7.7
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 110 mA,
VGS(PEAK) = -5.5 V, ƒ = 3600 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
gtra362002fc_g1
GTRA362002FC


Similar Part No. - GTRA362002FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
More results

Similar Description - GTRA362002FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com