Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362002FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA362002FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362002FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA362002FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362002FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
GTRA362002FC
Rev. 06, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C106, C110, C111,
C112
Capacitor, 12 pF
ATC
ATC800A120JT250T
C102, C113
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C103, C114
Capacitor, 100 V, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C104, C115
Capacitor, 100 µF
Panasonic Electronic Components
EEE-FP1H101AP
C105
Capacitor, 0.7 pF
ATC
ATC800A0R7CT250T
C107
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250T
C108
Capacitor, 1.5 pF
ATC
ATC800A1R5CT250T
C109
Capacitor, 0.9 pF
ATC
ATC800A0R9CT250T
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R104
Resistor, 50 ohms
Richardson
C16A50Z4
U1
Hybrid coupler
Anaren
XC3500P-03S
Output
C201, C202
Capacitor, 0.7 pF
ATC
ATC800A0R7CT250T
C203, C211, C212
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250T
C204, C205, C206, C213
Capacitor, 12 pF
ATC
ATC800A120JT250T
C207, C214
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C208, C209, C215, C216
Capacitor, 100 V, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C210
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
Pinout Diagram (top view)
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Main
Peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com