Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # GTRA384802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA384802FC-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  GTRA384802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GTRA384802FC
2
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Recommended Operating Voltages
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
V
DSS
125
V
Gate-source Voltage
V
GS
–10 to +2
Operating Voltage
V
DD
55
Gate Current (main)
I
G
25.2
mA
Gate Current (peak)
36
Drain Current (main)
I
D
9.5
A
Drain Current (peak)
13.5
Junction Temperature
T
J
225
°C
Storage Temperature Range
T
STG
–65 to +150
Parameter
Symbol
Value
Unit
Conditions
Thermal Resistance (main)
R
qJC
1.6
°C/W
T
CASE = 70°C, 95 W DC , 48 V
Thermal Resistance (peak)
1.1
T
CASE = 70°C, 141 W DC, 48 V
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-source Breakdown Voltage (main)
V
BR(DSS)
150
—
—
V
V
GS = –8 V, ID = 10 mA
Drain-source Breakdown Voltage (peak)
Drain-source Leakage Current
I
DSS
—
—
5
mA
V
GS = -8 V, VDS = 10 V
Gate Threshold Voltage (main)
V
GS(th)
–3.8
–3.0
–2.3
V
V
DS = 10 V, ID = 25 mA
Gate Threshold Voltage (peak)
V
DS = 10 V, ID = 36 mA
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain Operating Voltage
V
DD
0
—
50
V
Gate Quiescent Voltage
V
GS(Q)
-3.9
–2.9
-2.0
V
DS =48 V, ID = 250 mA
Thermal Characteristics
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these
values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. For reliable continuous operation, the device should be operated within the operating voltage range (V
DD) specified above.
Ordering Information
Type and Version
Order Code
Package Description
Shipping
GTRA384802FC V1 R0
GTRA384802FC-V1-R0
H-37248C-4, earless flange
Tape & Reel, 50 pcs
GTRA384802FC V1 R2
GTRA384802FC-V1-R2
H-37248C-4, earless flange
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com