Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA384802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA384802FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA384802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GTRA384802FC
6
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C107, C108, C111, C112
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C102, C113
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C103, C114
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C104, C115
Capacitor, 100 µF, 35 V
Panasonic Electronic Components
EEE-FT1V101AP
C105, C110
Capacitor, 1.2 pF
ATC
ATC800A1R2CT250XT
C106
Capacitor, 1.7 pF
ATC
ATC800A1R7CT250XT
C109
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250XT
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
XC3500P-03S
Output
C201
Capacitor, 0.2 pF
ATC
ATC800A0R2CT250XT
C202, C209
Capacitor, 1000 pF,
100 V
Murata Electronics North America
GRM188R72A102KA01D
C203, C207, C208, C210
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C204, C211
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C205, C212
Capacitor, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C206
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com