Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA384802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA384802FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA384802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTRA384802FC
Package Types: H-37248C-4
PN: GTRA384802FC
Features
• GaN on SiC HEMT technology
• Asymmetric Doherty design
- Main: P
3dB = 200 W typ
- Peak: P
3dB = 280 W typ
• Typical pulsed CW performance, 3800 MHz, 48 V,
combined outputs, Doherty @ P
3dB, 10 µs, 10%
duty cycle
- Output power = 400 W
- Drain efficiency = 62%
- Gain = 12 dB
• Capable of handling 10:1 VSWR at 48 V, 63 W
(WCDMA)output power
• Human Body Model Class 1B (per ANSI/ESDA/
JEDEC JS-001)
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF GaN on SiC HEMT
400 W, 48 V, 3600 – 3800 MHz
Description
The GTRA384802FC is a 400-watt (P
3dB) GaN on SiC high
electron mobility transistor (HEMT) for use in multi-standard
cellular power amplifier applications. It features input and
output matching, high efficiency, and a thermally-enhanced
package with earless flange.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 48 V, IDQ = 250 mA, POUT = 63 W avg, VGS(PEAK) = –6 V, ƒ = 3800 MHz, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
12
13
—
dB
Drain Efficiency
h
D
38.5
42
—
%
Adjacent Channel Power Ratio
ACPR
—
–33
–29
dBc
Output PAR @ 0.01% CCDF
OPAR
7.3
7.8
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
27
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 250 mA,
VGS(PEAK) = –6.0 V, ƒ = 3800 MHz
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Efficiency
PAR @ 0.01% CCDF
Gain
g384802fc-gr1c


Similar Part No. - GTRA384802FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA384802FC-V1-R0 CREE-GTRA384802FC-V1-R0 Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
More results

Similar Description - GTRA384802FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com