Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA384802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 36003800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA384802FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA384802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA384802FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GTRA384802FC
5
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 3600 – 3800 MHz
RF_IN
RF_OUT
V DD
V DD
V GG
V GG
g t r a3 8 4802 f c _CD_ 2 019 - 0 7 - 18 , b n
C106
C101
C103
R101
C104
C102
C105
C107
C109
C108
R103
R102
C111
C115
C114
C112
C113
C110
C201
C204
C202
C205
C212
C203
C207
C208
C209
C210
RO4350, LoPro
20.7 MIL, 1 OZ
RO4350, LoPro
20.7 MIL, 1 OZ
GTRA384802FC
OUT_05
GTRA384802FC
IN_05
U1
C206
C211
Reference circuit assembly diagram (not to scale)
Evaluation Board Part Number
LTA/GTRA384802FC-V1
PCB Information
Rogers 4350, LoPro®, 0.526mm [0.0207”] thick, 1 oz. copper, ε
r = 3.55
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com