Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9785 Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 10Page - Intel Corporation LXT9785 Datasheet HTML 11Page - Intel Corporation LXT9785 Datasheet HTML 12Page - Intel Corporation LXT9785 Datasheet HTML 13Page - Intel Corporation LXT9785 Datasheet HTML 14Page - Intel Corporation LXT9785 Datasheet HTML 15Page - Intel Corporation LXT9785 Datasheet HTML 16Page - Intel Corporation LXT9785 Datasheet HTML 17Page - Intel Corporation LXT9785 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 226 page
background image
Contents
14
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
200
Modified Table 83 “Control Register (Address 0)”.
201
Modified Table 84 “Status Register (Address 1)”.
204
Modified Table 87 “Auto-Negotiation Advertisement Register (Address 4)”.
205
Modified Table 88 “Auto-Negotiation Link Partner Base Page Ability Register (Address 5)”.
207
Modified Table 91 “Auto-Negotiation Link Partner Next Page Receive Register (Address 8)”.
207
Modified Table 92 “Port Configuration Register (Address 16, Hex 10)”.
209
Modified Table 93 “Quick Status Register (Address 17, Hex 11)”.
211
Modified Table 94 “Interrupt Enable Register (Address 18, Hex 12)”
212
Modified Table 95 “Interrupt Status Register (Address 19, Hex 13)”. Changed all references of RO/
SC to R/LH.
214
Modified Table 97 “Receive Error Count Register (Address 21, Hex 15)”.
215
Modified Table 98 “RMII Out-of-Band Signaling Register (Address 25, Hex 19)”. Added note to
Register bit 25.0.
216
Modified Table 99 “Trim Enable Register (Address 27, Hex 1B)”.
227
Modified Table 103 “Product Information”.
Revision Number: 005
Revision Date: January 2002
Page
Description
1
Added bullet to Product Features
49
Modified Table 12 “Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions” (Added
FIFOSEL1 and FIFOSEL0)
70
Added Section 2.6.1.6, “Reliable Link Establishment While Auto MDI/MDIX is Enabled in Forced
Speed Mode”
109
Modified Figure 38 “Recommended Intel® LXT9785/LXT9785E-to-3.3 V Fiber Transceiver
Interface Circuitry”
110
Added Figure 39 “Recommended Intel® LXT9785/LXT9785E-to-5 V Fiber Transceiver Interface
Circuitry”
111
Added Figure 40 “ON Semiconductor Triple PECL-to-LVPECL Translator”
112
Modified Table 28 “Absolute Maximum Ratings”
112
Modified Table 29 “Operating Conditions”
114
Modified Table 31 “Digital I/O DC Electrical Characteristics (VCCIO = 3.3 V +/- 5%)”(Output low
voltage SD pins - Max)
129
Modified Figure 53 “RMII - 100BASE-TX Receive Timing” and Table 49 “RMII - 100BASE-TX
Receive Timing Parameters”
131
Modified Figure 55 “RMII - 100BASE-FX Receive Timing” and Table 51 “RMII - 100BASE-FX
Receive Timing Parameters”
133
Modified Figure 57 “RMII - 10BASE-T Receive Timing” and Table 53 “RMII - 10BASE-T Receive
Timing Parameters”
Revision Number: 006 (INTERNAL RELEASE)
Revision Date: June 10, 2003
Page
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com