Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9785 Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 14Page - Intel Corporation LXT9785 Datasheet HTML 15Page - Intel Corporation LXT9785 Datasheet HTML 16Page - Intel Corporation LXT9785 Datasheet HTML 17Page - Intel Corporation LXT9785 Datasheet HTML 18Page - Intel Corporation LXT9785 Datasheet HTML 19Page - Intel Corporation LXT9785 Datasheet HTML 20Page - Intel Corporation LXT9785 Datasheet HTML 21Page - Intel Corporation LXT9785 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 226 page
background image
Intel® LXT9785 and Intel® LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
20
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
3.0
Pin/Ball Assignments and Signal Descriptions
3.1
PQFP Pin Assignments
The following sections show PQFP pin assignments and signal descriptions:
• Section 3.1.1, “PQFP Pin Assignments – RMII Configuration” on page 21
• Section 3.1.2, “PQFP Pin Assignments – SMII Configuration” on page 26
• Section 3.1.3, “PQFP Pin Assignments – SS-SMII Configuration” on page 31
Table 1 lists the acronyms and descriptions for signal types.
Table 1. Intel® LXT9785/LXT9785E Signal Type Descriptions
Acronym
Description
AI
Analog Input
AO
Analog Output
I
Input
O
Output
OD
Open Drain Output
ST
Schmitt Triggered Input
TS
Three-State-able Output
SL
Slew-rate Limited Output
IP
Weak Internal Pull-Up
ID
Weak Internal Pull-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com