Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9785 Datasheet(PDF) 6 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 6 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 2Page - Intel Corporation LXT9785 Datasheet HTML 3Page - Intel Corporation LXT9785 Datasheet HTML 4Page - Intel Corporation LXT9785 Datasheet HTML 5Page - Intel Corporation LXT9785 Datasheet HTML 6Page - Intel Corporation LXT9785 Datasheet HTML 7Page - Intel Corporation LXT9785 Datasheet HTML 8Page - Intel Corporation LXT9785 Datasheet HTML 9Page - Intel Corporation LXT9785 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 226 page
background image
Contents
6
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
5.2.5
The Fiber Interface .............................................................................................. 166
5.2.6
LED Circuit........................................................................................................... 167
5.3
Typical Application Circuits............................................................................................... 168
6.0
Test Specifications.................................................................................................................... 173
7.0
Register Definitions................................................................................................................... 199
8.0
Package Specifications............................................................................................................. 221
9.0
Ordering Information................................................................................................................. 227
Figures
1
Intel® LXT9785/LXT9785E Block Diagram................................................................................. 19
2
Intel® LXT9785 and Intel® LXT9785E RMII 208-Pin PQFP Assignments .................................. 21
3
Intel® LXT9785/LXT9785E SMII 208-Pin PQFP Assignments ................................................... 26
4
Intel® LXT9785/LXT9785E SS-SMII 208-Pin PQFP Assignments ............................................. 31
5
Intel® LXT9785/LXT9785E 241-Ball BGA23 Assignments (Top View)...................................... 51
6
Intel® LXT9785MBC 196-Ball BGA15 Assignments (Top View) ................................................ 98
7
Intel® LXT9785/LXT9785E Interfaces ...................................................................................... 118
8
Intel® LXT9785/LXT9785E Internal Loopback.......................................................................... 120
9
Intel® LXT9785/LXT9785E Management Interface Read Frame Structure.............................. 122
10 Intel® LXT9785/LXT9785E Management Interface Write Frame Structure .............................. 122
11 Intel® LXT9785/LXT9785E Port Address Scheme ................................................................... 123
12 Intel® LXT9785/LXT9785E Interrupt Logic ............................................................................... 124
13 Intel® LXT9785/LXT9785E Initialization Sequence .................................................................. 127
14 Intel® LXT9785/LXT9785E Auto-Negotiation Operation........................................................... 131
15 Intel® LXT9785/LXT9785E Typical SMII Interface Diagram ..................................................... 133
16 Intel® LXT9785/LXT9785E Typical SMII Quad Sectionalization Diagram................................ 134
17 Intel® LXT9785/LXT9785E 100 Mbps Serial MII Data Flow ..................................................... 135
18 Intel® LXT9785/LXT9785E Serial MII Transmit Synchronization ............................................. 136
19 Intel® LXT9785/LXT9785E Serial MII Receive Synchronization .............................................. 137
20 Intel® LXT9785/LXT9785E Typical SS-SMII Interface Diagram ............................................... 139
21 Intel® LXT9785/LXT9785E Typical SS-SMII Quad Sectionalization Diagram .......................... 140
22 Intel® LXT9785/LXT9785E SS-SMII Transmit Timing .............................................................. 141
23 Intel® LXT9785/LXT9785E SS-SMII Receive Timing ............................................................... 141
24 Intel® LXT9785/LXT9785E RMII Data Flow ............................................................................. 142
25 Intel® LXT9785/LXT9785E Typical RMII Interface Diagram..................................................... 143
26 Intel® LXT9785/LXT9785E Typical RMII Quad Sectionalization Diagram................................ 144
27 Intel® LXT9785/LXT9785E 100BASE-X Frame Format ........................................................... 145
28 Intel® LXT9785/LXT9785E Protocol Sublayers ........................................................................ 146
29 Typical IP Telephone System Connection................................................................................ 152
30 Intel® LXT9785E Negotiation Flow Chart ................................................................................. 156
31 Intel® LXT9785/LXT9785E LED Pulse Stretching .................................................................... 158
32 Intel® LXT9785/LXT9785E RMII Programmable Out-of-Band Signaling.................................. 158
33 LED Circuit ............................................................................................................................... 167
34 Intel® LXT9785/LXT9785E Power and Ground Supply Connections ....................................... 168
35 Intel® LXT9785/LXT9785E Typical Twisted-Pair Interface....................................................... 169
36 Recommended Intel® LXT9785/LXT9785E-to-3.3 V Fiber Transceiver Interface Circuitry ...... 170
37 Recommended Intel® LXT9785/LXT9785E-to-5 V Fiber Transceiver Interface Circuitry ......... 171
38 ON Semiconductor Triple PECL-to-LVPECL Translator .......................................................... 172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com