Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9785 Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9785 Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT9785 Datasheet HTML 41Page - Intel Corporation LXT9785 Datasheet HTML 42Page - Intel Corporation LXT9785 Datasheet HTML 43Page - Intel Corporation LXT9785 Datasheet HTML 44Page - Intel Corporation LXT9785 Datasheet HTML 45Page - Intel Corporation LXT9785 Datasheet HTML 46Page - Intel Corporation LXT9785 Datasheet HTML 47Page - Intel Corporation LXT9785 Datasheet HTML 48Page - Intel Corporation LXT9785 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
47
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Table 14. Intel® LXT9785/LXT9785E LED Signal Descriptions – PQFP (Sheet 1 of 2)
Pin/Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
82
81
80
K3,
K2,
J1
LED0_1
LED0_2
LED0_3
OD, TS, SL,
IP
Port 0 LED Drivers 1-3.
These pins drive LED indicators for Port 0. Each LED
can display one of several available status conditions
as selected by the LED Configuration Register (refer
to Table 96, “LED Configuration Register (Address
20, Hex 14)” on page 213 for details).
77
76
75
J4,
J3,
H1
LED1_1
LED1_2
LED1_3
OD, TS, SL,
IP
Port 1 LED Drivers 1-3.
These pins drive LED indicators for Port 1. Each LED
can display one of several available status conditions
as selected by the LED Configuration Register (refer
to Table 96, “LED Configuration Register (Address
20, Hex 14)” on page 213 for details).
73
72
71
H2,
H3,
G1
LED2_1
LED2_2
LED2_3
OD, TS, SL,
IP
Port 2 LED Drivers 1-3.
These pins drive LED indicators for Port 2. Each LED
can display one of several available status conditions
as selected by the LED Configuration Register (refer
to Table 96, “LED Configuration Register (Address
20, Hex 14)” on page 213 for details).
70
69
68
F2,
G3,
G4
LED3_1
LED3_2
LED3_3
OD, TS, SL,
IP
Port 3 LED Drivers 1-3.
These pins drive LED indicators for Port 3. Each LED
can display one of several available status conditions
as selected by the LED Configuration Register (refer
to Table 96, “LED Configuration Register (Address
20, Hex 14)” on page 213 for details).
180
181
182
K16,
K17,
J17
LED4_1
LED4_2
LED4_3
OD, TS, SL,
IP
Port 4 LED Drivers 1-3.
These pins drive LED indicators for Port 4. Each LED
can display one of several available status conditions
as selected by the LED Configuration Register (refer
to Table 96, “LED Configuration Register (Address
20, Hex 14)” on page 213 for details).
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal pull-
Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. The LED outputs are three-stated in H/W Power-Down mode and during H/W reset.
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com