Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAC240502FC-V1-R250 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTAC240502FC-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTAC240502FC-V1-R250 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTAC240502FC-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
3
PTAC240502FC
Typical Performance (datatakeninaproductiontestfixture)
5
15
25
35
45
55
65
75
10
11
12
13
14
15
16
17
26
30
34
38
42
46
50
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ = 120 mA
2300 MHz
2350 MHz
2400 MHz
Efficiency
Gain
ptac240502fc_g4
5
15
25
35
45
55
65
8
10
12
14
16
18
20
26
30
34
38
42
46
50
Output Power (dBm)
CW Performance
at various VDD
IDQ = 120 mA, ƒ = 2400 MHz
VDD = 24V
VDD = 28V
VDD = 32V
Gain
Efficiency
ptac240502fc_g5
10
20
30
40
50
60
-50
-40
-30
-20
-10
0
26
30
34
38
42
46
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 120 mA, VGS1 = 1.3 V,
VGS2 = 2.6 V, ƒ = 2400 MHz, 3GPP WCDMA
signal, PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
IMD Low
IMD Up
ACPR
Efficiency
ptac240502fc_g2
-45
-40
-35
-30
-25
-20
-15
26
30
34
38
42
46
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 120 mA, VGS1 = 1.3 V,
VGS2 = 2.6 V, 3GPP WCDMA signal,
PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
2300 IMDL
2300 IMDU
2350 IMDL
2350 IMDU
2400 IMDL
2400 IMDU
ptac240502fc_g3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com