Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAC240502FC-V1-R250 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTAC240502FC-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTAC240502FC-V1-R250 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PTAC240502FC-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
6
PTAC240502FC
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTAC240502FC V1
Test Fixture Part No.
LTA/PTAC240502FC-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 2300 – 2400 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C105
Capacitor, 4.7 µF
Murata Electronics North America
GRM32ER71H475KA88L
C102, C103, C104,
C106
Capacitor, 18 pF
ATC
ATC800A180JT250T
R101, R102
Resistor, 10 Ω
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 50 Ω
Anaren
060120A15Z50
R104
Resistor, 300 Ω
Venkel
CR0603-16W-3010FB
R105
Resistor, 12.1 Ω
Venkel
CR0603-16W-12R1FB
U1
Directional coupler
Anaren
X3C25P1-05S
Output
C201, C202, C203,
C204, C206, C208
Capacitor, 18 pF
ATC
ATC800A180JT250T
C205
Capacitor, 0.5 pF
ATC
ATC800A180JT250T
C207, C210, C214
Capacitor, 4.71 µF
Murata Electronics North America
GRM32ER71H475KA88L
C209, C212
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C211, C213
Capacitor, 100 µF
Panasonic Electronic Components
EEE-FP1V101AP
Pinout Diagram (top view)
Lead connections for PTAC240502FC
H-37248-4__do_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak
Pin
Description
D1
Drain device 1 (Peak)
D2
Drain device 2 (Main)
G1
Gate device 1 (Peak)
G2
Gate device 2 (Main)
S
Source (flange)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com