Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAC240502FC-V1-R250 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTAC240502FC-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTAC240502FC-V1-R250 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTAC240502FC-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
5, 2023-06-28
PTAC240502FC
Thermally-Enhanced High Power RF LDMOS FET
50 W, 28 V, 2300 – 2400 MHz
Description
The PTAC240502FC is a 47-watt LDMOS FET with an
asymmetrical design intended for use in multi-standard cellular
power amplifier applications in the 2300 to 2400 MHz frequency band.
Features include dual-path design, input matching, high gain and
thermally-enhanced package with earless flanges. Manufactured with
Wolfspeed's advanced LDMOS process, this device provides excellent
thermal performance and superior reliability.
PTAC240502FC
Package H-37248-4
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 28 V, IDQ = 120 mA, POUT = 10 W avg, VGS1 = 1.3 V, ƒ1 = 2345 MHz, ƒ2 = 2355 MHz, 3GPP signal,
channel bandwidth = 3.84 MHz, peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
13
14.3
—
dB
Drain Efficiency
hD
41
44
—
%
Intermodulation Distortion
IMD
—
–33
–25
dBc
Features
• Input matched
• Asymmetric Doherty design
- Main: P1dB = 17 W Typ
- Peak: P1dB = 33 W Typ
• Typical Pulsed CW performance, 2350 MHz,
28 V, 160 µs pulse width, 10% duty cycle,
Doherty Configuration
- Output power at P1dB = 45.7 W
- Efficiency = 46.2%
- Gain = 14.6 dB
• Typical single-carrier WCDMA performance,
2350 MHz, 28 V, 8.4 dB PAR @ 0.01% CCDF
- Output power = 8.91 W
- Efficiency = 44.2%
- Gain = 14.2 dB
- ACPR = –31 dBc @ 5 MHz
• Capable of handling 10:1 VSWR @28 V, 50 W (CW) out-
put power
• Integrated ESD protection : Human Body Model, Class
1B (per JESD22-A114)
• Low thermal resistance
• Pb-free and RoHS compliant
0
10
20
30
40
50
60
10
11
12
13
14
15
16
26
30
34
38
42
46
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 120 mA, VGS1 = 1.3 V,
VGS2 = 2.6 V, ƒ = 2400 MHz, 3GPP WCDMA
signal, PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
Gain
Efficiency
ptac240502fc_g1


Similar Part No. - PTAC240502FC-V1-R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTAC240502FC INFINEON-PTAC240502FC Datasheet
364Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2014-05-14
PTAC240502FC INFINEON-PTAC240502FC Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTAC240502FCV1R0 INFINEON-PTAC240502FCV1R0 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
PTAC240502FCV1R0XTMA1 INFINEON-PTAC240502FCV1R0XTMA1 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
More results

Similar Description - PTAC240502FC-V1-R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF240101S INFINEON-PTF240101S Datasheet
243Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Rev. 05, 2007-04-12
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com