Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAC240502FC-V1-R250 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTAC240502FC-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTAC240502FC-V1-R250 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTAC240502FC-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTAC240502FC-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
4
PTAC240502FC
Typical Performance (cont.)
Main Side Load Pull Performance – Pulsed CW signal: 160 µs, 10% duty cycle, 28 V, 114 mA
P1dB
Max Output Power
Max PAE
Freq
[MHz] Zs
[W
] Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
2300
10–j31
9.4–j11.6
20.96
42.89
19.45
53.2
4.7–j8.3
22.8
41.03
12.68
61.5
2350
12.7–j35
9.7–j12.2
20.7
42.83
19.19
52.7
5.1–j9.4
22.4
41.34
13.61
62.1
2400
16.2–j38
9.31–j12.6
20.8
42.65
18.41
52.6
5.2–j10.2
22.2
41.45
13.96
61.3
Load Pull Performance
Peak Side Load Pull Performance – Pulsed CW signal: 160 µs, 10% duty cycle, 28 V, 252 mA
P1dB
Max Output Power
Max PAE
Freq
[MHz] Zs
[W
] Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
2300
5.6–j22
3.0–j7.0
18.2
46.50
44.67
52.1
2.2–j5.8
20.5
45.20
33.11
56.9
2350
6.7–j25
2.9–j7.9
17.4
46.46
44.26
48.5
2.2–j5.9
21.1
44.91
30.97
55.9
2400
9.7–j29
3.3–j7.9
17.9
46.62
45.92
49.6
2.2–j6.2
20.8
45.31
33.96
57.2
-30
-25
-20
-15
-10
-5
12
13
14
15
16
17
2200 2250 2300 2350 2400 2450 2500 2550
Frequency (MHz)
Small Signal CW Performance
Gain & Input Return Loss
VDD = 28 V, IDQ = 120 mA
IRL
Gain
ptac240502fc_g6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com