Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
-40 °C to +125 °C
+25 °C
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Max
Max
Unit
A port; VI = 0 V or VCCI; IO = 0 A
[1]
VCC(A), VCC(B) = 0.9 V to 5.5 V
-
-
2
5
13
μA
VCC(A) = 5.5 V; VCC(B) = 0 V
-
-
2
5
13
μA
VCC(A) = 0 V; VCC(B) = 5.5 V
-
-
±0.1
±0.4
±1
μA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A), VCC(B) = 0.9 V to 5.5 V
-
-
2
5
13
μA
VCC(B) = 5.5 V; VCC(A) = 0 V
-
-
2
5
13
μA
ICC
supply current
VCC(B) = 0 V; VCC(A) = 5.5 V
-
-
±0.1
±0.4
±1
μA
ΔICC
additional
supply current
per input; other pins at VCCI or ground (0 V); IO = 0 A;
VCC(A), VCC(B) = 4.5 V to 5.5 V; VI = VCCI - 0.6 V
[4]
-
2
100
150
200
μA
[1] VCCI is the supply voltage associated with the control input or input port.
[2] VCCO is the supply voltage associated with the output port.
[3] Typical values for VOL and VOH are measured at VCCO is 0.9 V.
[4] Typical values for ΔICC are measured at VCC(A), VCC(B) = 5 V.
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
7 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com