Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
11. Dynamic characteristics
Table 10. Typical dynamic characteristics at VCC(A) = 0.9 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6.
VCC(B)
Symbol Parameter
Conditions
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
nA to nB
[1]
40
22
18.5
16.5
15
15
15
ns
tpd
propagation delay
nB to nA
[1]
40
33
32
31
31
31
32
ns
DIR to nA
[1]
34
34
34
34
34
34
34
ns
tdis
disable time
DIR to nB
[1]
42
30
26
26
24
25
23
ns
DIR to nA
[1]
82
63
58
57
55
56
55
ns
ten
enable time
DIR to nB
[1]
74
56
53
51
49
49
49
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
Table 11. Typical dynamic characteristics at VCC(B) = 0.9 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6.
VCC(A)
Symbol Parameter
Conditions
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
nA to nB
[1]
40
33
32
31
31
31
32
ns
tpd
propagation delay
nB to nA
[1]
40
22
18.5
16.5
15
15
15
ns
DIR to nA
[1]
34
16
11
10
7.0
7.7
5.3
ns
tdis
disable time
DIR to nB
[1]
42
31
28
28
27
27
27
ns
DIR to nA
[1]
82
53
47
45
42
42
42
ns
ten
enable time
DIR to nB
[1]
74
49
43
41
38
39
37
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
Table 12. Typical dynamic characteristics at Tamb = 25 °C
[1][2] Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7.
VCC(A) and VCC(B)
Symbol Parameter
Conditions
0.9 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 5.0 V
Unit
A port: (direction nA to nB);
B port: (direction nB to nA)
1.5
1.6
1.7
1.8
1.9
2.2
2.7 pF
CPD
power dissipation
capacitance
A port: (direction nB to nA);
B port: (direction nA to nB)
9.7
10.2 10.3 10.4 10.7
11
11.9 pF
CI
input capacitance VI = 0 V or VCCI; VCCI = 0 V to 5.5 V 1.4
1.4
1.4
1.4
1.4
1.4
1.4 pF
CI/O
input/output
capacitance
VO = 0 V; VCCO = 0 V
4.4
4.4
4.4
4.4
4.4
4.4
4.4 pF
[1] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC 2 × fo) = sum of the outputs.
[2] fi = 1 MHz; VI = GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL = ∞ Ω.
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
9 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com