Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45 Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
12. Application information
12.1. Unidirectional logic level-shifting application
The circuit given in Fig. 15 is an example of the 74AXP2T45 being used in an unidirectional logic
level-shifting application.
VCC1
VCC2
VCC1
system-1
VCC1
VCC2
VCC2
system-2
74AXP2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
aaa-029973
1
2
3
4
6
5
8
7
Fig. 15. Unidirectional logic level-shifting application
Table 17. Unidirectional logic level-shifting application
Pin
Name
Function
Description
1
VCC(A)
VCC1
supply voltage of system-1 (0.9 V to 5.5 V)
2
1A
OUT1
output level depends on VCC1 voltage
3
2A
OUT2
output level depends on VCC1 voltage
4
GND
GND
device GND
5
DIR
DIR
the GND (LOW level) determines B port to A port direction
6
2B
IN2
input threshold value depends on VCC2 voltage
7
1B
IN1
input threshold value depends on VCC2 voltage
8
VCC(B)
VCC2
supply voltage of system-2 (0.9 V to 5.5 V)
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
20 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com