Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP2T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74AXP2T45DC
-40 °C to +125 °C
VSSOP8 plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AXP2T45GX
-40 °C to +125 °C
X2SON8 plastic thermal enhanced extremely thin
small outline package; no leads; 8 terminals;
body 1.35 × 0.8 × 0.32 mm
SOT1233-2
4. Marking
Table 2. Marking
Type number
Marking code[1]
74AXP2T45DC
R5
74AXP2T45GX
R5
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aag577
DIR
1B
2B
7
6
1A
2A
5
2
3
VCC(A)
VCC(B)
Fig. 1. Logic symbol
001aag578
DIR
1B
2B
1A
2A
VCC(A)
VCC(B)
Fig. 2. Logic diagram
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
2 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com