Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA092407NF-V2-R5 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA092407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA092407NF-V2-R5 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA092407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA092407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PTVA092407NF
2
Rev. 03.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
V
DSS
105
V
Gate-source Voltage
V
GS
–6 to +12
Operating Voltage
V
DD
0 to +55
Junction Temperature
T
J
225
°C
Storage Temperature Range
T
STG
–65 to +150
Parameter
Symbol
Value
Unit
Conditions
Thermal Resistance (Main)
R
qJC
0.29
°C/W
T
CASE = 70°C, 240 W CW
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-Source Breakdown Voltage
V
BR(DSS)
105
—
—
V
V
GS = 0 V, IDS = 10 mA
Drain Leakage Current
I
DSS
—
—
1
µA
V
DS = 50 V, VGS = 0 V
—
—
10
V
DS = 105 V, VGS = 0 V
Gate Leakage Current
I
GSS
—
—
1
V
GS = 10 V, VDS = 0 V
On-State Resistance
R
DS(on)
—
0.13
—
W
V
GS = 10 V, VDS = 0.1 V
Operating Gate Voltage
V
GS
3.3
3.7
4.1
V
V
DS = 48 V, IDQ = 900 mA
Thermal Characteristics
1. Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these
values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. For reliable continuous operation, the device should be operated within the operating voltage range (V
DD) specified above.
2. Parameters values can be affected by end application and product usage. Values may change over time.
Ordering Information
Moisture Sensitivity Level
Type and Version
Order Code
Package Description
Shipping
PTVA092407NF V2 R5
PTVA092407NF-V2-R5
PG-HBSOF-4-2, plastic package
Tape & Reel, 500 pcs
Level
Test Signal
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com